PART |
Description |
Maker |
PE87FL1013 |
11 Section Bandpass Filter With SMA Female Connectors Operating From 2 GHz to 4 GHz With a 2 GHz Passband
|
Pasternack Enterprises,...
|
PLDC20RA10 PLDC20RA10-15JC PLDC20RA10-15PC PLDC20R |
Programmable Logic : Programmable Logic Devices Reprogrammable Asynchronous CMOS Logic Device
|
Cypress Semiconductor
|
TSC390 TSC395 TSC391 TSC392 TSC393 TSC394 TSC391AL |
FPGA, CYCLONE III, 80K LE, 780FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:429; IC FLEX 6000 FPGA 10K 100-TQFP IC CYCLONE III FPGA 80K 484 UBGA Dual Interface Buffers
|
MICROSEMI[Microsemi Corporation]
|
ST-4 |
MINI-NOISE DIODES 10 KHZ TO 3 GHZ 0.00001 GHz - 3 GHz, SILICON, NOISE DIODE
|
Micronetics, Inc.
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
Q62702-G0041 BGA310 |
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
MAX3.00A EPM3032ALC44-10 EPM3032ALC44-4 EPM3032ALC |
Programmable logic , 128 macrocells, 8 logic array blocks, 96 I/O pins, 7ns Programmable logic , 128 macrocells, 8 logic array blocks, 96 I/O pins, 5ns Programmable logic , 128 macrocells, 8 logic array blocks, 96 I/O pins, 10ns Programmable logic , 64 macrocells, 4 logic array blocks, 66 I/O pins, 7ns Programmable logic , 64 macrocells, 4 logic array blocks, 66 I/O pins, 4ns Programmable logic , 64 macrocells, 4 logic array blocks, 66 I/O pins, 10ns Programmable logic , 32 macrocells, 2 logic array blocks, 34 I/O pins, 7ns Programmable logic , 32 macrocells, 2 logic array blocks, 34 I/O pins, 4ns Programmable logic , 32 macrocells, 2 logic array blocks, 34 I/O pins, 10ns Programmable Logic Device Family
|
Altera Corporation
|
HCPL-2630 HCPL-2631 HCPL2631 HCPL-2611 6N137 6N137 |
HIGH SPEED-10 MBit/s - LOGIC GATE OPTOCOUPLERS 3V Voltage Monitoring, Low-Cost, µP Supervisory Circuits LOGIC-GATE-OUTPUT OPTOCOUPLER high speed-10 Mbit/s logic gate optocouplers 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
CD4050BMS |
Buffer/Converter, Logic Level Conversion, Hex, (UnBuffered), Rad-Hard, CMOS, Logic
|
Intersil
|
BU4051BC/BCF/BCFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4S01 |
Standard Logic LSIs > CMOS logic BU4S Series
|
ROHM
|
|